Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # LL4148
Description  Surface-mount Small-signal Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

LL4148 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  LL4148 Datasheet HTML 1Page - Silicon Standard Corp. LL4148 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
ELECTRICAL CHARACTERISTICS
www.SiliconStandard.com
2 of 2
LL4148
10/1/2006 Rev.4.01
Tj=25°C unless otherwise noted.
Notes:
1. Valid provided that electrodes are kept at ambient temperature
2. Device mounted on FR4 printed-circuit board
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
d
r
a
w
r
o
FV
F
I
F
A
m
0
1
=-
-
0
.
1t
l
o
V
t
n
e
r
r
u
c
e
g
a
k
a
e
LI
R
V
R
V
0
2
=
V
R
V
5
7
=
V
R
T
,
V
0
2
=
J
0
5
1
=
OC
-
-
-
-
-
-
5
2
0
.
5
0
5
nA
uA
uA
e
c
n
a
t
i
c
a
p
a
CC
t
o
t
V
F
V
=
R
V
0
=-
-
0
.
4
pF
N
O
g
n
i
h
c
t
i
w
s
n
e
h
w
e
s
i
r
e
g
a
t
l
o
V
)
s
e
s
l
u
p
d
r
a
w
r
o
f
A
m
0
5
h
t
i
w
d
e
t
s
e
t
(
V
r
f
1
.
0
=
p
t
u
0
3
<
e
m
i
t
e
s
i
R
,
s
ns
z
H
k
0
0
1
o
t
5
=
p
f
--
5
.
2s
t
l
o
V
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
Rt
r
r
I
F
I
,
A
m
0
1
=
R
A
m
1
=
V
R
R
,
V
6
=
L
0
0
1
=
Ω
--
0
.
4
ns
)
e
g
a
p
d
r
i
h
t
e
e
S
(
y
c
n
e
i
c
i
f
f
e
n
o
i
t
a
c
i
f
i
t
c
e
R
ν
η
V
,
z
H
M
0
0
1
=
f
F
R
V
2
=5
4
.
0-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com