Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # LL4148
Description  Surface-mount Small-signal Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

LL4148 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  LL4148 Datasheet HTML 1Page - Silicon Standard Corp. LL4148 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.SiliconStandard.com
1 of 2
FEATURES
MECHANICAL DATA
Rating at 25°C ambient temperature unless otherwise specified.
Notes: 1. Valid as long as the electrodes are maintained at 25°C.
MAXIMUM RATINGS
Pb-free, RoHS compliant.
Surface-mount Small-signal Diode
Voltage range 75 Volts
Popular small Mini-MELF package
Dissipation 500mW at TA = 25°C
PRODUCT SUMMARY
LL4148
10/1/2006 Rev.4.01
SOD-80 (Mini-MELF)
Dimensions in inches and (millimeters)
Silicon Epitaxial Planar Diode
Fast switching diode in MiniMELF case especially suited for
automatic insertion.
This diode is also available in the DO-35 case as a 1N4148.
Case: MiniMELF glass case (SOD-80)
Weight: approx. 0.05g
Cathode band color: Black
r
e
t
e
m
a
r
a
P
l
o
b
m
y
St
i
m
i
Lt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
RV
R
5
7s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
PV
M
R
0
0
1s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
C
D
d
r
a
w
r
o
F
b
m
a
5
2
=
oC )
1
(
I
F
0
0
2A
m
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
r
e
v
a
w
f
l
a
h
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
e
g
a
r
e
v
A
T
t
a
d
a
o
l
e
v
i
t
s
i
s
e
r
b
m
a
5
2
=
oCf>
z
H
0
5
)
1
(
I
)
V
A
(
F
0
5
1A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
j
5
2
=
oCI
M
S
F
0
0
5A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oC )
1
(
P
t
o
t
0
0
5W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
)
2
(
R
θ A
J
0
5
3
o
W
/
C
t
n
i
o
p
-
e
i
t
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
TR
θ p
t
J
0
0
3
o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
S
5
7
1
+
o
t
5
6
-
oC


Similar Part No. - LL4148

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
logo
Won-Top Electronics
LL4148 WTE-LL4148 Datasheet
32Kb / 3P
FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Semtech Corporation
LL4148 SEMTECH-LL4148 Datasheet
219Kb / 4P
Silicon Expitaxial Planar Diode
logo
Shanghai Lunsure Electr...
LL4148 CHENYI-LL4148 Datasheet
162Kb / 3P
SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - LL4148

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
logo
CHENG-YI ELECTRONIC CO....
MCL4148 CHENG-YI-MCL4148 Datasheet
85Kb / 4P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4148 CHENG-YI-MM4148 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
MM4448 CHENG-YI-MM4448 Datasheet
80Kb / 3P
SURFACE MOUNT SMALL SIGNAL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com