Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # MB10S
Description  Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MB10S Datasheet(HTML) 2 Page - Silicon Standard Corp.

  MB10S Datasheet HTML 1Page - Silicon Standard Corp. MB10S Datasheet HTML 2Page - Silicon Standard Corp. MB10S Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12/23/2007 Rev.1.00
www.SiliconStandard.com
2
MB2S thru MB10S
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(TA=25
o
C unless otherwise noted)
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
SS
2
B
MS
4
B
MS
6
B
MS
8
B
MS
0
1
B
Ms
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
0
4
10
8
20
2
40
6
50
0
7s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
0
20
0
40
0
60
0
80
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
t
u
p
t
u
o
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
M
.
B
.
C
.
P
y
x
o
p
e
-
s
s
a
l
g
n
o
)
1
.
g
i
F
e
e
s
(
e
t
a
r
t
s
b
u
s
m
u
n
i
m
u
l
a
n
o
I
)
V
A
(
F
5
.
0
)
1
(
8
.
0
)
2
(
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
5
3s
p
m
A
)
s
m
3
.
8
<
t
(
g
n
i
s
u
f
r
o
f
g
n
i
t
a
RI2t0
.
5A2
c
e
s
A
4
.
0
t
a
g
e
l
r
e
p
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
0
.
1t
l
o
V
T
t
a
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
A
5
2
=
oC
T
g
e
l
r
e
p
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
A
5
2
1
=
oC
I
R
0
.
5
0
0
1
uA
g
e
l
r
e
p
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
R
θ A
J
R
θ A
J
R
θ L
J
5
8
)
1
(
0
7
)
2
(
0
2
)
1
(
o
W
/
C
z
H
M
0
.
1
,
V
0
.
4
t
a
g
e
l
r
e
p
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
j
l
a
c
i
p
y
TC
J
3
1
pF
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
2. On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com