Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB10S Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # MB10S
Description  Surface Mount Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MB10S Datasheet(HTML) 1 Page - Silicon Standard Corp.

  MB10S Datasheet HTML 1Page - Silicon Standard Corp. MB10S Datasheet HTML 2Page - Silicon Standard Corp. MB10S Datasheet HTML 3Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Bridge Rectifiers
12/23/2007 Rev.1.00
www.SiliconStandard.com
1
MB2S thru MB10S
PRODUCT SUMMARY
Miniature Glass Passivated Single-Phase
Reverse Voltage 200 to 1000 Volts
FEATURES
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Glass passivated chip junctions
High surge overload rating: 35A peak
Saves space on printed circuit boards
High temperature soldering guaranteed: 260
oC/10 seconds
MECANICAL DATA
Case: Molded plastic body over passivated junctions
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.078 oz., 0.22 g
Package outline dimensions in inches (millimeters)
Pb-free; RoHS-compliant


Similar Part No. - MB10S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB10S MCC-MB10S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB10S BILIN-MB10S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MB10S YANGJIE-MB10S Datasheet
267Kb / 2P
SINGLE PHASE 0.5 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
GOOD-ARK Electronics
MB10S GOOD-ARK-MB10S Datasheet
146Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
logo
Daya Electric Group Co....
MB10S DAYA-MB10S Datasheet
43Kb / 1P
SINGLE PHASE 0.5 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - MB10S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dongguan Pingjingsemi T...
MB1F-PJ PJSEMI-MB1F-PJ Datasheet
374Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com