Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # MBRF3045CT
Description  Dual Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBRF3045CT Datasheet(HTML) 3 Page - Silicon Standard Corp.

  MBRF3045CT Datasheet HTML 1Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 2Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 3Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 4Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR3035(45)CT
MBRF3035(45)CT
MBRB3035(45)CT
Series
12/24/2006 Rev. 1.01
www.SiliconStandard.com
3
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Unless otherwise specified, these specifications apply over the operating ambient temperature of 25℃.
Notes:
1.
Clip mounting (on case), where lead does not overlap heat sink with 0.110" offset
2.
Clip mounting (on case), where leads do overlap heat sink Screw mounting with 4-40 screw, where washer
diameter is < 4.9 mm (0.19")
3.
Pulse test: 300us pulse width, 1% duty cycle



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com