Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF3045CT Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # MBRF3045CT
Description  Dual Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

MBRF3045CT Datasheet(HTML) 1 Page - Silicon Standard Corp.

  MBRF3045CT Datasheet HTML 1Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 2Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 3Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 4Page - Silicon Standard Corp. MBRF3045CT Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MBR3035(45)CT
MBRF3035(45)CT
MBRB3035(45)CT
Series
12/24/2006 Rev. 1.01
www.SiliconStandard.com
1
Dual Schottky Barrier Rectifiers
FEATURES
Reverse voltage 35 to 45 V
Forward current 3.0 A
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Dual rectifier construction, positive center tap
Metal silicon junction, majority carrier
conduction
Low power loss, high efficiency
Guard ring for over voltage protection
For use in low voltage, high frequency
inverters, free wheeling, and polarity protection
applications
MECHANICAL DATA
Case: JEDEC TO-220AB, ITO-220AB, TO-
263AB molded plastic body
Terminals: Plated leads, solder-able per MIL-
STD-750, Method 2026
High temperature soldering guaranteed:
250oC/10 seconds, 0.25" (6.35mm) from case
(TO-220AB, ITO-220AB) at terminals (TO-
236AB)
Polarity: As marked Mounting Position: Any
Mounting Torque: 10 in-lbs maximum
Weight: 0.08 ounce, 2.24 grams
PACKAGE DIMENSIONS
TO-220AB


Similar Part No. - MBRF3045CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRF3045CT VISHAY-MBRF3045CT Datasheet
46Kb / 3P
Dual Schottky Rectifiers
02-Oct-02
logo
Taiwan Semiconductor Co...
MBRF3045CT TSC-MBRF3045CT Datasheet
250Kb / 2P
Isolated 30.0 AMPS. Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBRF3045CT VISHAY-MBRF3045CT Datasheet
499Kb / 5P
Dual Common-Cathode Schottky Rectifier
08-Nov-07
logo
KEC(Korea Electronics)
MBRF3045CT KEC-MBRF3045CT Datasheet
43Kb / 2P
SCHOTTKY BARRIER TYPE DIODE
logo
Taiwan Semiconductor Co...
MBRF3045CT TSC-MBRF3045CT Datasheet
180Kb / 2P
30.0 AMPS. Isolated Schottky Barrier Rectifiers
More results

Similar Description - MBRF3045CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBRF1635CT ETC-MBRF1635CT Datasheet
58Kb / 2P
Dual Schottky Barrier Rectifiers
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT Datasheet
50Kb / 3P
Dual Schottky Barrier Rectifiers
14-Jul-04
logo
GOOD-ARK Electronics
MBR20XXCT GOOD-ARK-MBR20XXCT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
MBR25XXCT GOOD-ARK-MBR25XXCT Datasheet
259Kb / 3P
Dual Schottky Barrier Rectifiers
logo
EIC discrete Semiconduc...
SBL2030PT EIC-SBL2030PT Datasheet
98Kb / 2P
DUAL SCHOTTKY BARRIER RECTIFIERS
FST10180 EIC-FST10180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST20180 EIC-FST20180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31120 EIC-FST31120 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
FST31180 EIC-FST31180 Datasheet
96Kb / 2P
Dual Schottky Barrier Rectifiers
logo
New Jersey Semi-Conduct...
MAC321 NJSEMI-MAC321 Datasheet
117Kb / 3P
Dual Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com