Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL12 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SL12
Description  SCHOTTKY BARRIER RECIFITERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SL12 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SL12 Datasheet HTML 1Page - Silicon Standard Corp. SL12 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL12 THRU SL14
05/10/2007 Rev.1.00
www.SiliconStandard.com
1
SCHOTTKY BARRIER RECIFITERS
PRODUCT SUMMARY
Surface Mount Low VF
Reverse Voltage 20 to 40 volts
Forward Current 1.0 Ampere
FEATURES
For surface mounted application
Metal silicon junction, majority carrier conduction
Low forward voltage drop
Easy pick and place
High surge current capability
Plastic material used carries Underwriters Laboratory
Classification 94V-O
Epitaxial construction
High temperature soldering:
250
oC / 10 seconds at terminals
MECHANCIAL DATA
Cases: Molded plastic
Terminals: Solder plated
Polarity: Indicated by cathode band
Weight: 0.002 ounce, 0.064 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Notes:
1. Pulse Test with PW=300usec, 1% Duty Cycle.
2. Measured on P.C. Board with 0.2 x 0.2" (5.0 x 5.0 mm) Copper Pad Areas.
r
e
t
e
m
a
r
a
Ps
l
o
b
m
y
S2
1
L
S3
1
L
S4
1
L
Ss
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
r
m
u
m
i
x
a
MV
M
R
R
0
20
30
4s
t
l
o
V
e
g
a
t
l
o
v
S
M
R
m
u
m
i
x
a
MV
S
M
R
4
11
28
2s
t
l
o
V
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
m
u
m
i
x
a
MV
C
D
0
20
30
4s
t
l
o
V
1
.
g
i
F
e
e
S
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
d
r
a
w
r
o
f
e
g
a
r
e
v
a
m
u
m
i
x
a
MI
)
V
A
(
0
.
1p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
.
0
3s
p
m
A
)
1
e
t
o
N
(
A
0
.
1
@
e
g
a
t
l
o
v
d
r
a
w
r
o
f
s
u
o
e
n
a
t
n
a
t
s
n
i
m
u
m
i
x
a
MV
F
5
8
3
.
05
8
3
.
00
0
4
.
0s
t
l
o
V
t
n
e
r
r
u
c
e
s
r
e
v
e
r
C
D
m
u
m
i
x
a
M
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
d
e
t
a
r
t
a
T
@
A
5
2
=
oC
T
@
A
0
0
1
=
oC
I
R
0
.
2
0
0
1
A
m
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
m
u
m
i
x
a
M
R
θ L
J
R
θ A
J
8
2
8
8
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
5
2
1
+
o
t
5
5
-
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
5
-
oC
Pb-free; RoHS-compliant


Similar Part No. - SL12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL12 PANJIT-SL12 Datasheet
50Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
SL12 TRSYS-SL12 Datasheet
156Kb / 2P
LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SL12 WTE-SL12 Datasheet
40Kb / 3P
1.0A LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Semtech Corporation
SL12 SEMTECH-SL12 Datasheet
167Kb / 7P
Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Formosa MS
SL12 FORMOSA-SL12 Datasheet
67Kb / 2P
Silicon epitaxial planer type
More results

Similar Description - SL12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U3FWK42 TOSHIBA-U3FWK42 Datasheet
141Kb / 4P
TOSHIBA SCHOTTKY BARRIER RECTIFIER SCHOTTKY BARRIER TYPE
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
logo
Silicon Standard Corp.
SK12 SSC-SK12 Datasheet
264Kb / 2P
SCHOTTKY BARRIER RECIFITERS
logo
EIC discrete Semiconduc...
LL5817 EIC-LL5817 Datasheet
39Kb / 2P
SCHOTTKY BARRIER
LMK12 EIC-LMK12 Datasheet
112Kb / 2P
SCHOTTKY BARRIER
logo
Seme LAB
SB30-100SSMD SEME-LAB-SB30-100SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
SB60-45SSMD SEME-LAB-SB60-45SSMD Datasheet
28Kb / 2P
SCHOTTKY BARRIER
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com