Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS26
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS26 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS26 Datasheet HTML 1Page - Silicon Standard Corp. SS26 Datasheet HTML 2Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS22-SS215
04/05/2007 Rev.1.00
www.SiliconStandard.com
2
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no
guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no
responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its
use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including
without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to
the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of
Silicon Standard Corporation or any third parties.
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
10
100
0
10
20
40
30
50
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
JEDEC Method
AT RATED TL
FIG.3- TYPICAL FORWARD CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
50
FORWARD VOLTAGE. (V)
TJ=25 C
O
PULSE WIDTH=300 S
1% DUTY CYCLE
FIG.4-TYPICALREVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
TJ=125
O
C
TJ=75
O
C
TJ=25
O
C
0.001
0.01
0.1
1
10
100
SS22-SS24
SS25-SS215
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
10
100
10
100
400
REVERSE VOLTAGE. (V)
SS29-SS215
SS22-SS24
SS25-SS26
Tj=25 C
O
f=1.0MHz
Vsig=50mVp-p
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
2.0
1.5
1.0
0.5
0
LEAD TEMPERATURE. ( C)
O
RESISTIVE OR
INDUCTIVE LOAD
SS22-SS24
SS25-SS215
PCB MOUNTED ON 0.2X0.2"
(5.0X5.0mm) COPPER PAD AREAS
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
1
0.01
0.1
10
100
100
10
1
0.1
T, PULSE DURATION. (sec)
SS22-SS24
SS29-SS210
SS25-SS26
SS215
RATINGS AND CHARACTERISTIC CURVES (SS22 THRU SS215)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com