Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS26 Datasheet (PDF) - Silicon Standard Corp.

SS26 Datasheet PDF - Silicon Standard Corp.
Part # SS26
Download  SS26 Download
File Size   233.89 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description SCHOTTKY BARRIER RECTIFIERS

SS26 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS26 Datasheet PDF - Silicon Standard Corp.

Part # SS26
Download  SS26 Click to download

File Size   233.89 Kbytes
Page   2 Pages
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.
Description SCHOTTKY BARRIER RECTIFIERS

SS26 Datasheet (HTML) - Silicon Standard Corp.


SS26 Product details

PRODUCT SUMMARY

  2.0 AMPS Surface Mount



FEATURES

  For surface mounted application

  Easy pick and place

  Metal to silicon rectifier, majority carrier conduction

  Low power loss, high efficiency

  High current capability, low VF

  High surge current capability

  Plastic material used carriers Underwriters

  Laboratory Classification 94V-0

  Epitaxial construction

  High temperature soldering: 260°C / 10 seconds at terminals



 




Similar Part No. - SS26

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS26 ZOWIE-SS26 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS26 JGD-SS26 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS26 SSE-SS26 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
C&D Technologies
SS26 CANDD-SS26 Datasheet
238Kb / 4P
5 VDC INPUT, 3.3 VDC OUTPUT DC/DC CONVERTER
logo
General Semiconductor
SS26 GE-SS26 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SS26

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com