Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS809-46GU Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS809-46GU
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809-46GU Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS809-46GU Datasheet HTML 1Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 2Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 3Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 4Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 5Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 6Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 7Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS809/810G
9/20/2006 Rev.3.01
ABSOLUTE MAXIMUM RATINGS
VCC
-0.3V ~6.5V
RESET, RESET
-0.3V ~ (VCC+0.3V)
Input Current (VCC)
20mA
Output Current (RESET or
RESET )
20mA
Continuous Power Dissipation (TA = +70
°C)
320mW
Operating Junction Temperature Range
-40
°C ~ 85°C
Storage Temperature Range
- 65
°C ~ 125°C
Lead Temperature (Soldering) 10 sec
260
°C
Note1: Any stress beyond the Absolute Maximum Ratings above may cause permanent damage to the device.
TEST CIRCUIT
RESET
2
VCC
3
GND
1
SS809G
Vin
Iin



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com