Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS809-46GU Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS809-46GU
Description  3-Pin Microprocessor Reset Circuits
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS809-46GU Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS809-46GU Datasheet HTML 1Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 2Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 3Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 4Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 5Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 6Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 7Page - Silicon Standard Corp. SS809-46GU Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.SiliconStandard.com
5 of 8
SS809/810G
9/20/2006 Rev.3.01
TYPICAL PERFORMANCE CHARACTERISTICS
-40
-
20
0
20
40
60
80
100
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
VTH=2.3V
VTH=3.1V
VTH=4.6V
Temperature (°C)
Fig 1 Supply Current vs. Temperature
Fig 2 Power-Down Reset Delay vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
80
90
100
110
120
VOD=200mV
VOD=100mV
VOD=50mV
Temperature (°C)
VTH=2.3V
VOD=VTH-VCC
Temperature (°C)
Fig 3 Power-Down Reset Delay vs. Temperature
-
60
-
40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
180
200
220
240
VOD=200mV
VOD=100mV
VOD=50mV
VTH=3.1V
VOD=VTH-VCC
Temperature (°C)
Fig 4 Power-Down Reset Delay vs. Temperature
-60
-
40
-
20
0
20
40
60
80
100
0
100
200
300
400
VOD=200mV
VOD=100mV
VOD=50mV
VTH=4.6V
VOD=VTH-VCC
Temperature (°C)
Fig 5 Normalized Reset Threshold vs. Temperature
-40
-20
0
20
40
60
80
100
0.985
0.990
0.995
1.000
1.005
1.010
1.015
VTH=3.1V
VTH=2.3V
VTH=4.6V
Temperature (°C)
Fig 6 Power-Up Reset Timeout vs. Temperature
-60
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
600
VTH=2.3V
VTH=3.1V
VTH=4.6V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com