Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS9176 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS9176
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS9176 Datasheet HTML 2Page - Silicon Standard Corp. SS9176 Datasheet HTML 3Page - Silicon Standard Corp. SS9176 Datasheet HTML 4Page - Silicon Standard Corp. SS9176 Datasheet HTML 5Page - Silicon Standard Corp. SS9176 Datasheet HTML 6Page - Silicon Standard Corp. SS9176 Datasheet HTML 7Page - Silicon Standard Corp. SS9176 Datasheet HTML 8Page - Silicon Standard Corp. SS9176 Datasheet HTML 9Page - Silicon Standard Corp. SS9176 Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS9175/6
PIN DESCRIPTIONS
Pin No.
Symbol
Function
Description
1 (1)
PWRGD
Power-good
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
2 (2)
IN1
Feedback
Inverting input of the error amplifier. It is normally connected to the switching power
supply output through a resistor divider.
3 (3)
COMP1
Compensation
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
4 (4)
VCC
Power Supply
Supply voltage input.
5
CL1+
Over-current
Over-current adjustment and high-side MOSFET supply voltage sense pin. Connect
a resistor from this pin to high-side supply voltage.
6
CL1-
Over-current
Over-current sense pin.
7 (5)
BST1
Boost supply
Supply for high-side driver. Connect to bootstrap circuit.
8 (6)
DH1
High-side drive
High-side MOSFET gate driver pin.
9 (7)
DL1
Low-side drive
Low-side MOSFET gate driver pin.
10 (8)
PGND
Driver ground
Driver circuit GND supply. Connect to MOSFET’s GND.
11 (9)
BSTC
Buffered supply
Voltage supply for internal low-side driver circuit and for high-side bootstrap circuit’s
diode input. Its output is 6V if chip supply voltage VCC > 6.5V. If VCC < 6.5V, then BSTC
= VCC. Need a 10uF decoupling capacitor connected to PGND.
12 (10)
DL2
Low-side drive
Low-side MOSFET gate driver pin.
13 (11)
DH2
High-side drive
High-side MOSFET gate driver pin.
14 (12)
BST2
Boost supply
Supply for high-side driver. Connect to bootstrap circuit.
15 (13)
CL2-
Over-current
Over-current sense pin.
16 (14)
CL2+
Over-current
Over-current adjustment and high-side MOSFET supply voltage sense pin. Connect a
resistor from this pin to high-side supply voltage.
17 (15)
SS/EN
Soft-start/Enable
A 25uA internal current source charges an external capacitor for soft start. Pull down this
pin to disable the chip.
18
COMP2
[NC]
Compensation
Output of the error amplifier and input to the PWM comparator. It is used for feedback
loop compensation.
19
IN2 [NC]
Feedback
Inverting input of the error amplifier. It is normally connected to the switching power
supply output through a resistor divider.
20 (16)
GND
Control ground
Control circuit GND supply.
Note: Inside ( ) is the pin assignment for SS9176CS. Inside [ ] is for SS9175CS.
PIN CONFIGURATIONS
PWRGD
PGND
DL1
DH1
BST1
CL1+
CL1
VCC
COMP1
IN1
1
10
9
8
7
6
5
4
3
2
20
11
12
13
14
15
16
17
18
19
SS/ENB
IN2
GND
BSTC
DL2
DH2
BST2
CL2-
CL2+
COMP2
SS/ENB
PGND
DL1
DH1
BST1
PWRGD
VCC
COMP
IN
GND
BSTC
DL2
DH2
BST2
CL2-
CL+
10
9
11
12
13
14
15
16
1
8
7
6
5
4
3
2
SS9175
SS9176
Rev.2.02 12/29/2003
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com