Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS9176 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS9176
Description  Dual Synchronous DC/DC Controllers With Current Sharing Circuitry
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS9176 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS9176 Datasheet HTML 4Page - Silicon Standard Corp. SS9176 Datasheet HTML 5Page - Silicon Standard Corp. SS9176 Datasheet HTML 6Page - Silicon Standard Corp. SS9176 Datasheet HTML 7Page - Silicon Standard Corp. SS9176 Datasheet HTML 8Page - Silicon Standard Corp. SS9176 Datasheet HTML 9Page - Silicon Standard Corp. SS9176 Datasheet HTML 10Page - Silicon Standard Corp. SS9176 Datasheet HTML 11Page - Silicon Standard Corp. SS9176 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS9175/6
REFERENCE CIRCUITS
Current sharing application using SS9176CS
This current sharing circuit is implemented using
the SS9176CS. The dual phase MOSFETs
must be supplied from the same supply voltage (in
this case, from 12V). They can also be supplied from
a 5V supply voltage. As there is only a single output
voltage (1.4V in this case), the divided voltage is
fed back to the IN pin. The VCC supply voltage can
be
either
12V
or
5V,
depending
on
the
convenience of PCB layout, but VCC = 12V is
recommended. If VCC > 6.5V, the BSTC output is
fixed at 6V. This BSTC voltage is used as the
supply voltage for the bootstrap circuit’s diodes
input. A 10uF capacitor is recommended for BSTC
decoupling. A 1k resistor is connected from CL2+
to the MOSFET’s high-side voltage. This 1k
resistor is used to program the OCP level.
1.4v
PWRG
12v
VCC
DH1
DL1
BST1
PGND
IN1
COMP
PWRGD
CL2+
CL2-
DH2
DL2
BST2
BSTC
SS/ENB
GND
1uF
1k
1uF
7.5uH
450uF
50k
50k
7.5uH
10uF
0.22uF
2.2pF
APPLICATION INFORMATION (cont.)
Rev.2.02 12/29/2003
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com