Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4005G Datasheet(PDF) 21 Page - Silicon Standard Corp.

Part # SS4005G
Description  Smart Battery Gas Gauge for e-Bike
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4005G Datasheet(HTML) 21 Page - Silicon Standard Corp.

Back Button SS4005G Datasheet HTML 14Page - Silicon Standard Corp. SS4005G Datasheet HTML 15Page - Silicon Standard Corp. SS4005G Datasheet HTML 16Page - Silicon Standard Corp. SS4005G Datasheet HTML 17Page - Silicon Standard Corp. SS4005G Datasheet HTML 18Page - Silicon Standard Corp. SS4005G Datasheet HTML 19Page - Silicon Standard Corp. SS4005G Datasheet HTML 20Page - Silicon Standard Corp. SS4005G Datasheet HTML 21Page - Silicon Standard Corp. SS4005G Datasheet HTML 22Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.SiliconStandard.com
21 of 22
SS4005G
7/16/2006 Rev.3.01
28-Pin SSOP
E1E
D
B
e
A1
A
h×45°
C
L
θ
1
θ
2
θ
R
Gauge
Plane
0.25mm
R1
0.10mm
C
SEATING PLANE
ZD
min. nom. max.
min.
nom.
max.
A
1.35 1.63
1.75
0.053 0.064 0.069
A1
0.10 0.15
0.25
0.004 0.006 0.010
B
0.20
0.30
0.008
0.012
C
0.18
0.25
0.007
0.010
e
D
9.80 9.91 10.01 0.386 0.390 0.394
E
5.79 5.99
6.20
0.228 0.236 0.244
E1
3.81 3.91
3.99
0.150 0.154 0.157
L
0.41 0.64
1.27
0.016 0.025 0.050
h
0.25
0.50
0.010
0.020
ZD
R1
0.20
0.33
0.008
0.013
R
0.20
0.008
θ0°
8°
0°
8°
θ1
0°
0°
θ2
5°
10°
15°
5°
10°
15°
JEDEC
Symbol
0.635 basic
0.025 basic
MO-137(AF)
0.838 REF.
0.033 REF.
Dimension in mm
Dimension in inch
PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com