Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4005G Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS4005G
Description  Smart Battery Gas Gauge for e-Bike
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4005G Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS4005G Datasheet HTML 9Page - Silicon Standard Corp. SS4005G Datasheet HTML 10Page - Silicon Standard Corp. SS4005G Datasheet HTML 11Page - Silicon Standard Corp. SS4005G Datasheet HTML 12Page - Silicon Standard Corp. SS4005G Datasheet HTML 13Page - Silicon Standard Corp. SS4005G Datasheet HTML 14Page - Silicon Standard Corp. SS4005G Datasheet HTML 15Page - Silicon Standard Corp. SS4005G Datasheet HTML 16Page - Silicon Standard Corp. SS4005G Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.SiliconStandard.com
13 of 22
SS4005G
7/16/2006 Rev.3.01
Table 4. Bit definitions of PackConfigure
-
SEAL
-
CPLV
VCOR
CHEM
LCC1
LCC0
7
6
5
4
3
2
1
0
bit 7: Not used.
1: no effect
0: no effect
bit 6: SEAL
1: Sealed, Commands from ManufacturerAccess() are disabled
0: Not Sealed
bit 5: Not used
1: no effect
0: no effect
bit 4: CPLV, Pack Low(Exhausted) Voltage compensation base on load and temperature.
1: Enable compensation
0: Disable compensation
bit 3: VCOR: Mid-range capacity correction with pack voltage
1: Enable mid-range correction
0: Disable mid-range correction
bit 2: CHEM.
1: no effect
0: Li-Ion chemistry (default)
bit 1,0: LCC1/LCC0.
0, 0: Pack Stack (No cell voltage)
0, 1: 2-serial pack
1, 0: 3-serial pack
1, 1: 4-serial pack
Table 5. Bit definitions of PackStatus
BL
VCurr
VDP
COn
DOn
CVOV
CVUV
7
6
5
4
3
2
1
0
bit 7: Reserved.
bit 6: BL indicates that a Battery Low condition was detected
1: Battery voltage was detected below Package Low Voltage(PLV).
0: No Battery Low condition was detected.
bit 5: VCurr (Valid Current) is detected
1: |I| > IVALID.
0: |I| ? ?? VALID
bit 4: VDP is set when a valid discharge period is on going.
1: Valid discharge period is on going
0: Not a valid discharge period
bit 3: COn (Charge FET ON) is set when charging is allowed.
1: Charge FET On
0: Charging is not allowed
bit 2: DOn (Discharge FET On) is set when the discharge from battery pack is determined to be safety
1: Discharge FET On
0: Discharge FET Off
bit 1: CVOV (Cell Voltage Over Voltage) is set when battery pack/cell voltage is detected as over predefined
value
1: Over Voltage
0: Normal
bit 0: CVUV (Pack Voltage Under Voltage) is set when pack voltage is detected as below lower .boundary
1: Under Voltage
0: Normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com