Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341CSTR Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6341CSTR
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341CSTR Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6341CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.SiliconStandard.com
4 of 14
SS6341
n ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
OSCILLATOR and REFERENCE
Free Running Frequency
F
170
200
230
KHz
FB1 Reference Voltage
VREF1
1.287
1.300
1.313
V
FB2 Reference Voltage
VREF2
1.245
1.270
1.295
V
FB3 Reference Voltage
VREF3
1.250
1.275
1.300
V
LINEAR CONTROLLER
Regulation
0 < IGATE2/3 < 10mA
-2.5
+2.5
%
Under-Voltage Level
FB2/3 falling
FB2/3UV
70
80
%
PWM CONTROLLER ERROR AMPLIFIER
DC GAIN
76
dB
Gain Bandwidth Product
GBWP
11
MHz
Slew Rate
COMP1=10pF
SR
6
V/
µS
PWM CONTROLLER GATE DRIVER
Upper Drive Source
VCC=12V, VUGATE=11V
RUGH
5.2
6.5
Ω
Upper Drive Sink
VCC=12V, VUGATE =1V
RUGL
3.3
5
Ω
Lower Drive Source
VCC=12V, VLGATE=11V
RLGH
4.1
6
Ω
Lower Drive Sink
VCC=12V, VLGATE=1V
RLGL
3
5
Ω
PROTECTION
Soft-Start Current
ISS
11
µA
Chip Shutdown Soft Start
Threshold
1.0
V
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com