Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6341CSTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6341CSTR
Description  High Performance, Triple-Output, Auto-Tracking Combo Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6341CSTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6341CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6341CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.SiliconStandard.com
1 of 14
SS6341
High Performance, Triple-Output,
Auto-Tracking Combo Controller
n FEATURES
l
Provides
Three
Accurately
Regulated
Output
Voltages
l
Optimized Voltage-Mode PWM Control
l
Dual N-Channel MOSFET Synchronous Drivers
l
Fast Transient Response
l
Adjustable Over-Current Protection Using External
MOSFET RDS(ON) - No External Current Sense
Resistors Required.
l
Programmable Soft Start Function
l
200KHz Free-Running Oscillator
l
Robust Output Auto-Tracking Characteristics
l
Sink and Source Capabilities with External Circuit
n APPLICATIONS
l
Advanced PC motherboards
l
Information PCs
l
Servers and Workstations
l
Internet Appliances
l
LCD Monitor
l
PC Add-On Cards
l
DDR Termination
n GENERAL DESCRIPTION
The
SS6341
combines
a
synchronous
voltage-mode PWM controller with two linear
controllers, including the associated monitoring and
protection functions. It is able to power CPUs, GPUs,
memories, chipsets and multi-voltage applications.
The PWM controller regulates the output voltage
using a synchronous rectified step-down converter.
The built-in N-Channel MOSFET drivers also help to
simplify the design of the step-down converter. The
PWM controller features over-current protection
using
the
RDS(ON) of the external MOSFET,
improving efficiency and cost, as there is no
expensive current sense resistor required.
Two built-in adjustable linear controllers drive
external MOSFETs to form two linear regulators that
regulate power for multiple system I/Os. The output
voltage of both linear regulators can also be
adjusted by means of an external resistor divider.
Both linear regulators feature current-limiting. For
system I/Os requiring current less than 500mA, the
SS6340 is recommended as it saves one
external MOSFET.
The programmable soft-start design provides a
controlled output voltage rise, which limits the
current during power-on.
A shutdown function is also provided, for disabling
the combo controller.
Rev.2.01 6/26/2003


Similar Part No. - SS6341CSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6340 SSC-SS6340 Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
SS6340CSTB SSC-SS6340CSTB Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
SS6340CSTR SSC-SS6340CSTR Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
More results

Similar Description - SS6341CSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1340 AIC-AIC1340 Datasheet
111Kb / 7P
High Performance, Tripple-Ouput, Auto-Tracking Combo Controller
AIC1341 AIC-AIC1341 Datasheet
231Kb / 14P
High Performance, Triple-Output, Auto-Tracking Combo Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
High Performance Synchronous Buck Controller With Reference Tracking
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003 Datasheet
928Kb / 32P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 0; 10/07
MAX15002 MAXIM-MAX15002 Datasheet
562Kb / 30P
Dual-Output Buck Controller with Tracking/Sequencing
Rev 0; 12/07
logo
Linear Technology
LTC3773 LINER-LTC3773 Datasheet
466Kb / 32P
Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
logo
Extech Instruments Corp...
382285 EXTECH-382285 Datasheet
175Kb / 1P
Dual Tracking, Triple Output DC Power Supply
logo
Silicon Standard Corp.
SS6340 SSC-SS6340 Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
logo
Maxim Integrated Produc...
MAX15003 MAXIM-MAX15003_12 Datasheet
769Kb / 31P
Triple-Output Buck Controller with Tracking/Sequencing
Rev 1; 8/12
logo
Linear Technology
LTC3773 LINER-LTC3773_15 Datasheet
479Kb / 32P
Triple Output Synchronous 3-Phase DC/DC Controller with Up/Down Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com