Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6431GSTR Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6431GSTR
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTR Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6431GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.SiliconStandard.com
9 of 11
SS6431G
APPLICATION EXAMPLES
(Continued)
R1A
R2A
R2B
R1B
VIN
Output turns ON when
Low Limit <VIN < High Limit
+
VBE
SS6431G
SS6431G
R3
R4
R5
C1
Low Limit
≅ VREF ( 1+ R1B/ R2B )+ VBE
High Limit
≅ VREF ( 1+ R1A/ R2A )
Fig 24 Over-Voltage/Under-Voltage Protection Circuit
PHYSICAL DIMENSIONS
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L
2/10/2005 Rev.2.10
SYMBOL
MIN
MAX
8 LEAD PLASTIC SO (unit: mm)
This device is shipped with Pb-free lead finish (second-level interconnect).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com