Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6431GSTR Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6431GSTR
Description  Adjustable High-Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6431GSTR Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6431GSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6431GSTR Datasheet HTML 11Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.SiliconStandard.com
10 of 11
SS6431G
SOT-23 (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
—
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90 (TYP)
H
2.60
3.00
L
0.37
—
H
A1
A
A2
b
θ1
L
C
D
E
e
1
1°
9°
SOT-23 MARKING
Part No.
Marking
Part No.
Marking
SS6431GUN
AC1NP
SS6431GUS
AC1SP
SOT-89 (unit: mm)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 (TYP.)
e1
3.00 (TYP.)
H
3.94
4.25
B
e
H
e1
D
D1
A
C
L
E
L
0.89
1.20
SOT-89 MARKING
Part No.
Marking
SS6431GX
AC1BP
2/10/2005 Rev.2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com