Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X22C10PI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X22C10PI
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C10PI Datasheet(HTML) 3 Page - Xicor Inc.

  X22C10PI Datasheet HTML 1Page - Xicor Inc. X22C10PI Datasheet HTML 2Page - Xicor Inc. X22C10PI Datasheet HTML 3Page - Xicor Inc. X22C10PI Datasheet HTML 4Page - Xicor Inc. X22C10PI Datasheet HTML 5Page - Xicor Inc. X22C10PI Datasheet HTML 6Page - Xicor Inc. X22C10PI Datasheet HTML 7Page - Xicor Inc. X22C10PI Datasheet HTML 8Page - Xicor Inc. X22C10PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
X22C10
3
ABSOLUTE MAXIMUM RATINGS
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................ 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(1)
Input/Output Capacitance
8
pF
VI/O = 0V
CIN(1)
Input Capacitance
6
pF
VIN = 0V
3815 PGM T03
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC
VCC Supply Current,
40
mA
CS = VIL, I/Os = Open, All Others =
RAM Read/Write
VIH, Addresses = 0.4V/2.4V Levels @
f = 8MHz
ISB1
VCC Standby Current
2
mA
Store or Recall Functions Not Active,
(TTL Inputs)
I/Os = Open, All Other Inputs = VIH
ISB2
VCC Standby Current
100
µA
Store or Recall functions Not Active,
(CMOS Inputs)
I/Os = Open, All Other Inputs =
VCC –0.3V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VlL(2)
Input LOW Voltage
–1
0.8
V
VIH(2)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 4.2mA
VOH
Output HIGH Voltage
2.4
V
IOH = –2mA
3815 PGM T02.3
Supply Voltage
Limits
X22C10
5V
±10%
3815 PGM T13
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3815 PGM T12.1
Notes: (1) This parameter is periodically sampled and not 100% tested.
(2) VIL min. and VIH max. are for reference only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com