Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X22C10PI Datasheet(PDF) 5 Page - Xicor Inc.

Part # X22C10PI
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C10PI Datasheet(HTML) 5 Page - Xicor Inc.

  X22C10PI Datasheet HTML 1Page - Xicor Inc. X22C10PI Datasheet HTML 2Page - Xicor Inc. X22C10PI Datasheet HTML 3Page - Xicor Inc. X22C10PI Datasheet HTML 4Page - Xicor Inc. X22C10PI Datasheet HTML 5Page - Xicor Inc. X22C10PI Datasheet HTML 6Page - Xicor Inc. X22C10PI Datasheet HTML 7Page - Xicor Inc. X22C10PI Datasheet HTML 8Page - Xicor Inc. X22C10PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
X22C10
5
A.C. CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.
Read Cycle Limits
Symbol
Parameter
Min.
Max.
Units
tRC
Read Cycle Time
120
ns
tAA
Access Time
120
ns
tCO
Chip Select to Output Valid
120
ns
tOH
Output Hold from Address Change
0
ns
tLZ(6)
Chip Select to Output in Low Z
0
ns
tHZ(6)
Chip Deselect to Output in High Z
50
ns
3815 PGM T08
Read Cycle
3815 FHD F03
CS
ADDRESS
tRC
tCO
tA
tHZ
tLZ
DATA I/O
tOH
DATA VALID
Note:
(6) tLZ min. and tHZ min. are periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com