Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X22C12DM Datasheet(PDF) 2 Page - Xicor Inc.

Part # X22C12DM
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C12DM Datasheet(HTML) 2 Page - Xicor Inc.

  X22C12DM Datasheet HTML 1Page - Xicor Inc. X22C12DM Datasheet HTML 2Page - Xicor Inc. X22C12DM Datasheet HTML 3Page - Xicor Inc. X22C12DM Datasheet HTML 4Page - Xicor Inc. X22C12DM Datasheet HTML 5Page - Xicor Inc. X22C12DM Datasheet HTML 6Page - Xicor Inc. X22C12DM Datasheet HTML 7Page - Xicor Inc. X22C12DM Datasheet HTML 8Page - Xicor Inc. X22C12DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
X22C12
2
PIN DESCRIPTIONS AND DEVICE OPERATION
Addresses (A0–A7)
The address inputs select a 4-bit memory location
during a read or write operation.
Chip Select (
CS)
The Chip Select input must be LOW to enable read or
write operations with the RAM array.
CS HIGH will place
the I/O pins in the high impedance state.
Write Enable (
WE)
The Write Enable input controls the I/O buffers, deter-
mining whether a RAM read or write operation is en-
abled. When
CS is LOW and WE is HIGH, the I/O pins
will output data from the selected RAM address loca-
tions. When both
CS and WE are LOW, data presented
at the I/O pins will be written to the selected address
location.
Data In/Data Out (I/O1–I/O4)
Data is written to or read from the X22C12 through the
I/O pins. The I/O pins are placed in the high impedance
state when either
CS is HIGH or during either a store or
recall operation.
STORE
The
STORE input, when LOW, will initiate the transfer of
the entire contents of the RAM array to the E2PROM
array. The
WE and RECALL inputs are inhibited during
the store cycle. The store operation is completed in 5ms
or less.
A store operation has priority over RAM read/write
operations. If
STORE is asserted during a read opera-
tion, the read will be discontinued. If
STORE is asserted
during a RAM write operation, the write will be immedi-
ately terminated and the store performed. The data at
the RAM address that was being written will be unknown
in both the RAM and E2PROM arrays.
RECALL
The
RECALL input, when LOW, will initiate the transfer
of the entire contents of the E2PROM array to the RAM
array. The transfer of data will be completed in 1
µs or
less.
An array recall has priority over RAM read/write opera-
tions and will terminate both operations when
RECALL
is asserted.
RECALL LOW will also inhibit the STORE
input.
Automatic Recall
Upon power-up the X22C12 will automatically recall
data from the E2PROM array into the RAM array.
Write Protection
The X22C12 has three write protect features that are
employed to protect the contents of the nonvolatile
memory.
•VCC Sense—All functions are inhibited when VCC is
<3.5V typical.
• Write Inhibit—Holding either
STORE HIGH or
RECALL LOW during power-up or power-down will
prevent an inadvertent store operation and E2PROM
data integrity will be maintained.
• Noise Protection—A
STORE pulse of typically less
than 20ns will not initiate a store cycle.
PIN NAMES
Symbol
Description
A0–A7
Address Inputs
I/O1–I/O4
Data Inputs/Outputs
WE
Write Enable
CS
Chip Select
RECALL
Recall
STORE
Store
VCC
+5V
VSS
Ground
NC
No Connect
3817 PGM T01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com