Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X22C12DM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X22C12DM
Description  Nonvolatile Static RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X22C12DM Datasheet(HTML) 4 Page - Xicor Inc.

  X22C12DM Datasheet HTML 1Page - Xicor Inc. X22C12DM Datasheet HTML 2Page - Xicor Inc. X22C12DM Datasheet HTML 3Page - Xicor Inc. X22C12DM Datasheet HTML 4Page - Xicor Inc. X22C12DM Datasheet HTML 5Page - Xicor Inc. X22C12DM Datasheet HTML 6Page - Xicor Inc. X22C12DM Datasheet HTML 7Page - Xicor Inc. X22C12DM Datasheet HTML 8Page - Xicor Inc. X22C12DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
X22C12
4
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(5)
Power-up to Read Operation
100
µs
tPUW(5)
Power-up to Write or Store Operation
5
ms
3817 PGM T07
MODE SELECTION
CE
WE
RECALL
STORE
I/O
Mode
H
X
H
H
Output High Z
Not Selected(3)
L
H
H
H
Output Data
Read RAM
L
L
H
H
Input Data High
Write “1” RAM
L
L
H
H
Input Data Low
Write “0” RAM
X
H
L
H
Output High Z
Array Recall
H
X
L
H
Output High Z
Array Recall
X
H
H
L
Output High Z
Nonvolatile Store(4)
H
X
H
L
Output High Z
Nonvolatile Store(4)
3817 PGM T05.1
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Endurance
100,000
Data Changes Per Bit
Store Cycles
1,000,000
Store Cycles
Data Retention
100
Years
3817 PGM T06
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3817 PGM T04.1
EQUIVALENT A.C. LOAD CIRCUIT
Notes: (3) Chip is deselected but may be automatically completing a store cycle.
(4)
STORE = LOW is required only to initiate the store cycle, after which the store cycle will be automatically completed
(e.g.
STORE = X).
(5) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These
parameters are periodically sampled and not 100% tested.
3815 FHD F09.1
919
Ω
497
Ω
OUTPUT
100pF
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com