Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6577CSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6577CSTR
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6577CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.SiliconStandard.com
3 of 14
SS6577
Rev.1.02 3/26/2004
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply Voltage (VIN) …………......……………...............…………………….................25V
Drive Supply Voltage (BOOST) …………………………………………………..…………32V
Switch Voltage (SW)
………………………………………………………………… 25V
Differential Boost Voltage (BOOST to SW ) ………………………………………………..8V
ITH/RUN,VFB Voltages
………………………………………………………………….7V
Peak Drive Output Current < 10
µS (DRI ) ………………………………………………….2A
Operating Temperature Range
……...............…….………………….......-40
°C ~ 85°C
Thermal Resistance (
θJA) (Assuming no ambient airflow, no heatsink)
SOP8
……………………………………………………………………160
°C/W
MSOP8
……………………………………………………………………180
°C/W
Storage Temperature Range
…...................…………………. -65
°C ~ 150°C
Lead Temperature ( Soldering, 10sec )
…………………………………….300
°C
TEST CIRCUIT
Refer to Typical Application Circuit.
ELECTRICAL CHARACTERISTICS (TA=25°C, VIN=15V, unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
4.5
24
V
Normal Mode (Note 2)
720
900
µA
Input Supply Current
Shutdown Mode, VITH/RUN=0V
16
20
µA
Feedback Voltage
0.788
0.8
0.812
V
∆Output Overvoltage Lockout
VFB connect to Vout, ∆VOVL=VOVL-VFB
20
55
90
mV
Reference Voltage Line
Regulation
VIN= 4.5V to 20 V
0.002
0.015
%/V
Output Voltage Load Regula-
tion
ITH Sinking 5µA
ITH Sourcing 5µA
0.7
-0.4
1.1
-0.8
%
Run Threshold
0.6
0.8
0.9
V
Maximum Current Sense
Threshold
VFB=0.72V
125
150
175
mV
Oscillator Frequency
450
500
550
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com