Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6577CSTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6577CSTR
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577CSTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6577CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6577CSTR Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.SiliconStandard.com
7 of 14
SS6577
Rev.1.02 3/26/2004
BLOCK DIAGRAM
+
M1
*
Dropout
DET
OSC
VIN
INTVCC
1_SHUT
Q2
*
Q1
*
Q3 Q4
SS
REF
0.8V
Thermal
Driver
Floating
LEB
Blank
-
+
EA
VINT
VIN
VINT
VINT
0.8V
1.2V
2.4V
0.8V
1.33V
0.855V
-
+
LC_COMP
-
+
Burst_Mode
-
+
SD
+
OVDT
R
S
Q
2.5
µA
-
+
Buffer_ITH
R2
R1
VIN
CS
ITH
SW
DRI
FB
GND
BOOST
-
+
ICOMP
VIN
VIN
VIN
Slope
SD
Clock
SD
ITH
Clock
ITH
VINT
Slope
FB
40mV
Logic
Switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com