Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD1N65 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFD1N65
Description  650V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD1N65 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFD1N65 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
◎ SEMIHOW REV.A0,Apr 2006
10
-1
10
0
10
1
0
50
100
150
200
250
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
Typical Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
3.0
10
15
20
25
30
35
40
※ Note : T
J = 25
℃
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
0
1
2
3
4
5
0
2
4
6
8
10
12
V
DS = 325V
V
DS = 130V
V
DS = 520V
※ Notes : I
D = 0.8 A
Q
G, Total Gate Charge [nC]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com