Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFD1N65 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFD1N65
Description  650V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFD1N65 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFD1N65 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 7Page - SemiHow Co.,Ltd. HFD1N65 Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
◎ SEMIHOW REV.A0,Apr 2006
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 4.0 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 10.5 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
HFD1N65 / HFU1N65
650V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
650
V
I
D
Drain Current
– Continuous (T
C = 25℃)
0.8
A
Drain Current
– Continuous (T
C = 100℃)
0.5
A
I
DM
Drain Current
– Pulsed
(Note 1)
3.2
A
V
GS
Gate-Source Voltage
±30
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
40
mJ
I
AR
Avalanche Current
(Note 1)
0.8
A
E
AR
Repetitive Avalanche Energy
(Note 1)
3.1
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
P
D
Power Dissipation (T
A = 25℃) *
2.5
W
Power Dissipation (T
C = 25℃)
- Derate above 25℃
31
W
0.25
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +150
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
4.0
℃/W
RθJA
Junction-to-Ambient*
--
50
RθJA
Junction-to-Ambient
--
110
April 2006
* When mounted on the minimum pad size recommended (PCB Mount)
D-PAK
1.Gate 2. Drain 3. Source
I-PAK
HFD1N65
HFU1N65
BV
DSS = 650 V
R
DS(on) typ = 10.5 Ω
I
D = 0.8 A
G
D
S
2
1
2
3
1
3


Similar Part No. - HFD1N65

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFD1N65S SEMIHOW-HFD1N65S Datasheet
689Kb / 8P
650V N-Channel MOSFET
More results

Similar Description - HFD1N65

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
650V N-Channel MOSFET
HFP2N65 SEMIHOW-HFP2N65 Datasheet
872Kb / 7P
650V N-Channel MOSFET
HFP4N65 SEMIHOW-HFP4N65 Datasheet
802Kb / 8P
650V N-Channel MOSFET
HFP8N65S SEMIHOW-HFP8N65S Datasheet
873Kb / 8P
650V N-Channel MOSFET
HFS2N65 SEMIHOW-HFS2N65 Datasheet
868Kb / 7P
650V N-Channel MOSFET
HFS4N65 SEMIHOW-HFS4N65 Datasheet
848Kb / 7P
650V N-Channel MOSFET
HFS10N65S SEMIHOW-HFS10N65S Datasheet
906Kb / 7P
650V N-Channel MOSFET
HFU2N65 SEMIHOW-HFU2N65 Datasheet
876Kb / 7P
650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com