Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24645PI Datasheet(PDF) 13 Page - Xicor Inc.

Part # X24645PI
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24645PI Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X24645PI Datasheet HTML 9Page - Xicor Inc. X24645PI Datasheet HTML 10Page - Xicor Inc. X24645PI Datasheet HTML 11Page - Xicor Inc. X24645PI Datasheet HTML 12Page - Xicor Inc. X24645PI Datasheet HTML 13Page - Xicor Inc. X24645PI Datasheet HTML 14Page - Xicor Inc. X24645PI Datasheet HTML 15Page - Xicor Inc. X24645PI Datasheet HTML 16Page - Xicor Inc. X24645PI Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X24645
13
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
erase/program cycle. During the write cycle, the
X24645 bus interface circuits are disabled, SDA is
allowed to remain HIGH, and the device does not
respond to its slave address.
Bus Timing
2783 ILL F17
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH
Write Cycle Limits
2783 FRM T11
Symbol
Parameter
Min.
Typ.(5)
Max.
Units
TWR
(6)
Write Cycle Time
5
10
ms
Bus Timing
2783 ILL F18
SCL
SDA
8th BIT
WORD n
ACK
tWR
STOP
CONDITION
START
CONDITION
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V).
(6) tWR is the minimum cycle time to be allowed from the system perspective unless polling techniques are used. It is the maximum
time the device requires to automatically complete the internal write operation.
Guidelines for Calculating Typical Values of
Bus Pull-Up Resistors
2783 ILL F19
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
t R
RMIN =
IOL MIN
VCC MAX
=1.8K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com