Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24645PI Datasheet(PDF) 3 Page - Xicor Inc.

Part # X24645PI
Description  Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24645PI Datasheet(HTML) 3 Page - Xicor Inc.

  X24645PI Datasheet HTML 1Page - Xicor Inc. X24645PI Datasheet HTML 2Page - Xicor Inc. X24645PI Datasheet HTML 3Page - Xicor Inc. X24645PI Datasheet HTML 4Page - Xicor Inc. X24645PI Datasheet HTML 5Page - Xicor Inc. X24645PI Datasheet HTML 6Page - Xicor Inc. X24645PI Datasheet HTML 7Page - Xicor Inc. X24645PI Datasheet HTML 8Page - Xicor Inc. X24645PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
X24645
3
Figure 1. Data Validity
Figure 2. Definition of Start and Stop
DEVICE OPERATION
The X24645 supports a bidirectional bus oriented pro-
tocol. The protocol defines any device that sends data
onto the bus as a transmitter, and the receiving device
as the receiver. The device controlling the transfer is a
master and the device being controlled is the slave.
The master will always initiate data transfers, and pro-
vide the clock for both transmit and receive operations.
Therefore, the X24645 will be considered a slave in all
applications.
Clock and Data Conventions
Data states on the SDA line can change only during
SCL LOW. SDA state changes during SCL HIGH are
reserved for indicating start and stop conditions. Refer
to Figures 1 and 2.
Start Condition
All commands are preceded by the start condition,
which is a HIGH to LOW transition of SDA when SCL is
HIGH. The X24645 continuously monitors the SDA and
SCL lines for the start condition and will not respond to
any command until this condition has been met.
SCL
SDA
DATA STABLE
DATA
CHANGE
2783 ILL F04
SCL
SDA
START BIT
STOP BIT
2783 ILL F05
Notes: (5) Typical values are for TA = 25°C and nominal supply voltage (5V)
(6) tWR is the minimum cycle time from the system perspective when polling techniques are not used. It is the maximum time the
device requires to perform the internal write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com