Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTX16-600 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HTX16-600
Description  600V 16A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTX16-600 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HTX16-600 Datasheet HTML 1Page - SemiHow Co.,Ltd. HTX16-600 Datasheet HTML 2Page - SemiHow Co.,Ltd. HTX16-600 Datasheet HTML 3Page - SemiHow Co.,Ltd. HTX16-600 Datasheet HTML 4Page - SemiHow Co.,Ltd. HTX16-600 Datasheet HTML 5Page - SemiHow Co.,Ltd. HTX16-600 Datasheet HTML 6Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
◎ SEMIHOW REV.1.0 Jan 2006
Repetitive Peak Off-State Voltage: 600V
R.M.S On-state Current (IT(RMS)=16A)
High Commutation dv/dt
FEATURES
HTx16-600
600V 16A TRIAC
The TRIAC HTx16-600 is suitable for AC switching application, phase
control application such as heater control, motor control, lighting control,
and static switching relay.
General Description
1.T1 2. T2 3. Gate
VDRM = 600 V
IT(RMS) = 16A
1.T1
Symbol
2.T2
3.Gate
Absolute Maximum Ratings
(
Ta=25℃)
Symbol
Value
Units
VDRM
600
V
R.M.SOn-State Current (Ta = 98
℃)
HTP16-600
R.M.SOn-State Current (Tc = 68
℃)
HTS16-600
50Hz
155
A
60Hz
170
VGM
10
V
IGM
2A
PGM
5W
VISO
1500
V
TSTG
-40 to +125
℃
Tj
-40 to +125
℃
Storage Temperature Range
OperatingTemperature
IT(RMS)
Repetitive Peak Off-State Voltage
Peak Gate Power Dissipation
16
A
ITSM
Surge On-State Current
(One Cycle, 50/60Hz, Peak, Non Repetitive)
Parameter
Peak Gate Voltage
Peak Gate Current
Isolation Breakdown Boltate, AC RMS1Min
(HTS16-600 only)
HTP16-600
HTS16-600


Similar Part No. - HTX16-600

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTX12-600 SEMIHOW-HTX12-600 Datasheet
282Kb / 6P
600V 12A TRIAC
More results

Similar Description - HTX16-600

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HST16 HSMC-HST16 Datasheet
129Kb / 4P
TRIAC 600V,16A
logo
Renesas Technology Corp
BCR16PR-12LB RENESAS-BCR16PR-12LB Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB_15 Datasheet
163Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16PM-12LC RENESAS-BCR16PM-12LC_15 Datasheet
200Kb / 8P
600V ??16A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
600V - 16A - Triac Medium Power Use
BCR16CM-12LC RENESAS-BCR16CM-12LC_15 Datasheet
147Kb / 8P
600V - 16A - Triac Medium Power Use
BCR16PR-12LB RENESAS-BCR16PR-12LB_15 Datasheet
68Kb / 4P
600V - 16A - Triac Medium Power Use
BCR16FM-12LB RENESAS-BCR16FM-12LB Datasheet
523Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FM-12LC RENESAS-BCR16FM-12LC Datasheet
514Kb / 9P
600V - 16A - Triac Medium Power Use
Feb. 19, 2019
BCR16FR-12LB RENESAS-BCR16FR-12LB Datasheet
498Kb / 8P
600V - 16A - Triac Medium Power Use
Oct. 10, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com