Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS75N75 Datasheet(PDF) 3 Page - SemiHow Co.,Ltd.

Part # HFS75N75
Description  75V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS75N75 Datasheet(HTML) 3 Page - SemiHow Co.,Ltd.

  HFS75N75 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
◎ SEMIHOW REV.A1,Dec 2008
Typical Characteristics
2
4
6
8
10
10
0
10
1
10
2
* Note
1. V
DS = 40V
2. 250
µs Pulse Test
-55
oC
150
oC
25
oC
V
GS , Gate-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
0
10
1
10
2
25
oC
150
oC
* Note :
1. V
GS = 0V
2. 250
µs Pulse Test
V
SD , Source-Drain Voltage [V]
10
-1
10
0
10
1
0
2000
4000
6000
8000
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
* Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
20
40
60
80
100
0
2
4
6
8
10
12
V
DS = 37.5V
V
DS =60V
* Note : I
D = 80.0 A
Q
G, Total Gate Charge [nC]
V
DS = 15V
0
25
50
75
100
125
150
175
200
0.008
0.009
0.010
0.011
0.012
0.013
0.014
* Note : T
J = 25
oC
V
GS = 20V
V
GS = 10V
I
D , Drain Current [A]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On Resistance Variation vs
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation with Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com