Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFS75N75 Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HFS75N75
Description  75V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HFS75N75 Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HFS75N75 Datasheet HTML 1Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 2Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 3Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 4Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 5Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 6Page - SemiHow Co.,Ltd. HFS75N75 Datasheet HTML 7Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
◎ SEMIHOW REV.A1,Dec 2008
 Originative New Design
 Superior Avalanche Rugged Technology
 Robust Gate Oxide Technology
 Very Low Intrinsic Capacitances
 Excellent Switching Characteristics
 Unrivalled Gate Charge : 77 nC (Typ.)
 Extended Safe Operating Area
 Lower R
DS(ON) : 0.0105 Ω (Typ.) @VGS=10V
 100% Avalanche Tested
Thermal Resistance Characteristics
FEATURES
Absolute Maximum Ratings
T
C=25℃ unless otherwise specified
1.Gate 2. Drain 3. Source
HFS75N75
75V N-Channel MOSFET
Symbol
Parameter
Value
Units
V
DSS
Drain-Source Voltage
75
V
I
D
Drain Current
– Continuous (T
C = 25℃)
80*
A
Drain Current
– Continuous (T
C = 100℃)
56*
A
I
DM
Drain Current
– Pulsed
(Note 1)
320*
A
V
GS
Gate-Source Voltage
±20
V
E
AS
Single Pulsed Avalanche Energy
(Note 2)
1476
mJ
I
AR
Avalanche Current
(Note 1)
80
A
E
AR
Repetitive Avalanche Energy
(Note 1)
16
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
P
D
Power Dissipation (T
C = 25℃)
- Derate above 25℃
45
W
0.36
W/℃
T
J, TSTG
Operating and Storage Temperature Range
-55 to +175
℃
T
L
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
℃
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
--
3.3
℃/W
RθJA
Junction-to-Ambient
--
62.5
Dec 2008
BV
DSS = 75 V
R
DS(on) typ=10.5 mΩ
I
D = 80 A
G
D
S
2
1
3
TO-220F
* Drain current limited by junction temperature


Similar Part No. - HFS75N75

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS730 SEMIHOW-HFS730 Datasheet
914Kb / 7P
400V N-Channel MOSFET
HFS730F SEMIHOW-HFS730F Datasheet
264Kb / 9P
400V N-Channel MOSFET
HFS730S SEMIHOW-HFS730S Datasheet
284Kb / 7P
Superior Avalanche Rugged Technology
HFS730U SEMIHOW-HFS730U Datasheet
318Kb / 8P
Superior Avalanche Rugged Technology
HFS740 SEMIHOW-HFS740 Datasheet
289Kb / 7P
Superior Avalanche Rugged Technology
More results

Similar Description - HFS75N75

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP75N08 FAIRCHILD-FDP75N08 Datasheet
674Kb / 8P
75V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFW75N75 SEMIHOW-HFW75N75 Datasheet
871Kb / 7P
75V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB270AL AOSMD-AOB270AL Datasheet
329Kb / 6P
75V N-Channel MOSFET
AOD474 AOSMD-AOD474 Datasheet
295Kb / 6P
75V N-Channel MOSFET
AOD474A AOSMD-AOD474A Datasheet
294Kb / 6P
75V N-Channel MOSFET
logo
GOOD-ARK Electronics
SS7505 GOOD-ARK-SS7505_15 Datasheet
1Mb / 7P
75V N-Channel MOSFET
SSF7609 GOOD-ARK-SSF7609 Datasheet
1,017Kb / 7P
75V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com