Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C44DM Datasheet(PDF) 3 Page - Xicor Inc.

Part # X24C44DM
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44DM Datasheet(HTML) 3 Page - Xicor Inc.

  X24C44DM Datasheet HTML 1Page - Xicor Inc. X24C44DM Datasheet HTML 2Page - Xicor Inc. X24C44DM Datasheet HTML 3Page - Xicor Inc. X24C44DM Datasheet HTML 4Page - Xicor Inc. X24C44DM Datasheet HTML 5Page - Xicor Inc. X24C44DM Datasheet HTML 6Page - Xicor Inc. X24C44DM Datasheet HTML 7Page - Xicor Inc. X24C44DM Datasheet HTML 8Page - Xicor Inc. X24C44DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
X24C44
3
DEVICE OPERATION
The X24C44 contains an 8-bit instruction register. It is
accessed via the DI input, with data being clocked in on
the rising edge of SK. CE must be HIGH during the entire
data transfer operation.
Table 1. contains a list of the instructions and their
operation codes. The most significant bit (MSB) of all
instructions is a logic one (HIGH), bits 6 through 3 are
either RAM address bits (A) or don’t cares (X) and bits
2 through 0 are the operation codes. The X24C44
requires the instruction to be shifted in with the MSB first.
After CE is HIGH, the X24C44 will not begin to interpret
the data stream until a logic “1” has been shifted in on DI.
Therefore, CE may be brought HIGH with SK running
and DI LOW. DI must then go HIGH to indicate the start
condition of an instruction before the X24C44 will begin
any action.
In addition, the SK clock is totally static. The user can
completely stop the clock and data shifting will be stopped.
Restarting the clock will resume shifting of data.
RCL and
RECALL
Either a software RCL instruction or a LOW on the
RECALL input will initiate a transfer of E2PROM data
into RAM. This software or hardware recall operation
sets an internal “previous recall” latch. This latch is reset
upon power-up and must be intentionally set by the user
to enable any write or store operations. Although a recall
operation is performed upon power-up, the previous
recall latch is not set by this operation.
WRDS and WREN
Internally the X24C44 contains a “write enable” latch. This
latch must be set for either writes to the RAM or store
operations to the E2PROM. The WREN instruction sets
the latch and the WRDS instruction resets the latch,
disabling both RAM writes and E2PROM stores, effec-
tively protecting the nonvolatile data from corruption. The
write enable latch is automatically reset on power-up.
STO and
STORE
Either the software STO instruction or a LOW on the
STORE input will initiate a transfer of data from RAM to
E2PROM. In order to safeguard against unwanted store
operations, the following conditions must be true:
• STO instruction issued or
STORE input is LOW.
• The internal “write enable” latch must be set
(WREN instruction issued).
• The “previous recall” latch must be set (either a
software or hardware recall operation).
Once the store cycle is initiated, all other device func-
tions are inhibited. Upon completion of the store cycle,
the write enable latch is reset. Refer to Figure 4 for a
state diagram description of enabling/disabling condi-
tions for store operations.
WRITE
The WRITE instruction contains the 4-bit address of the
word to be written. The write instruction is immediately
followed by the 16-bit word to be written. CE must remain
HIGH during the entire operation. CE must go LOW
before the next rising edge of SK. If CE is brought LOW
prematurely (after the instruction but before 16 bits of data
are transferred), the instruction register will be reset and
the data that was shifted-in will be written to RAM.
If CE is kept HIGH for more than 24 SK clock cycles (8-bit
instruction plus 16-bit data), the data already shifted-in will
be overwritten.
Table 1. Instruction Set
Instruction
Format, I2 I1 I0
Operation
WRDS (Figure 3)
1XXXX000
Reset Write Enable Latch (Disables Writes and Stores)
STO (Figure 3)
1XXXX001
Store RAM Data in E2PROM
Reserved
1XXXX010
N/A
WRITE (Figure 2)
1AAAA011
Write Data into RAM Address AAAA
WREN (Figure 3)
1XXXX100
Set Write Enable Latch (Enables Writes and Stores)
RCL (Figure 3)
1XXXX101
Recall E2PROM Data into RAM
READ (Figure 1)
1AAAA11X
Read Data from RAM Address AAAA
3832 PGM T13
X = Don't Care
A = Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com