Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X24C44DM Datasheet(PDF) 7 Page - Xicor Inc.

Part # X24C44DM
Description  Serial Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X24C44DM Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X24C44DM Datasheet HTML 3Page - Xicor Inc. X24C44DM Datasheet HTML 4Page - Xicor Inc. X24C44DM Datasheet HTML 5Page - Xicor Inc. X24C44DM Datasheet HTML 6Page - Xicor Inc. X24C44DM Datasheet HTML 7Page - Xicor Inc. X24C44DM Datasheet HTML 8Page - Xicor Inc. X24C44DM Datasheet HTML 9Page - Xicor Inc. X24C44DM Datasheet HTML 10Page - Xicor Inc. X24C44DM Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X24C44
7
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ............................................ –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V
Symbol
Parameter
Max.
Units
Test Conditions
COUT(2)
Output Capacitance
8
pF
VOUT = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
3832 PGM T06.1
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3832 PGM T02.1
Supply Voltage
Limits
X24C44
5V
±10%
3832 PGM T03.1
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC
VCC Supply Current
10
mA
SK = 0.4V/2.4V Levels @ 1MHz,
(TTL Inputs)
DO = Open, All Other Inputs = VIH
ISB1
VCC Standby Current
1
mA
DO = Open, CE = VIL,
(TTL Inputs)
All Other Inputs = VIH
ISB2
VCC Standby Current
50
µA
DO = Open, CE = VSS
(CMOS Inputs)
All Other Inputs = VCC – 0.3V
ILI
Input Load Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VlL(1)
Input LOW Voltage
–1
0.8
V
VIH(1)
Input HIGH Voltage
2
VCC + 1
V
VOL
Output LOW Voltage
0.4
V
IOL = 4.2mA
VOH
Output HIGH Voltage
2.4
V
IOH = –2mA
3832 PGM T04.3
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Endurance
100,000
Data Changes Per Bit
Store Cycles
1,000,000
Store Cycles
Data Retention
100
Years
3832 PGM T05
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com