Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6639 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6639 Datasheet HTML 1Page - Silicon Standard Corp. SS6639 Datasheet HTML 2Page - Silicon Standard Corp. SS6639 Datasheet HTML 3Page - Silicon Standard Corp. SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.SiliconStandard.com
2 of 12
SS6639
n ORDERING INFORMATION
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VOUT Pin) ……………….………………………………………………….12V
EXT pin Voltage ……………………………………………………..……….-0.3V to Vout+0.3V
EXT pin Current …………………………………………………..……………………….± 50mA
Operating Temperature Range
………………………………..……………….-40
°C to 85°C
Storage Temperature Range ……………………………………..…………… -65
°C to 150 °C
Lead Temperature (Soldering 10 Sec.) ………………………..…………………………260
°C
n TEST CIRCUIT
FOUT
EXT
SS6639
2.5V
VOUT
GND
Oscillator Test Circuit
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
X: SOT-89
Z: TO-92
OUTPUT VOLTAGE
27: 2.7V
30: 3.0V
33: 3.3V
50: 5.0V
SS6639-XXCXXX
EX: SS6639-27CXTR
à 2.7V Version, in SOT-89 Package in
Tape and Reel Packing
1
2
3
1
2
3
SOT-89
TOP VIEW
1: GND
2: VOUT
3: EXT
TO-92
TOP VIEW
1: GND
2: VOUT
3: EXT
PIN CONFIGURATION
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com