Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6639 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS6639
Description  1-Cell, 3-Pin, Step-Up DC/DC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6639 Datasheet(HTML) 6 Page - Silicon Standard Corp.

Back Button SS6639 Datasheet HTML 2Page - Silicon Standard Corp. SS6639 Datasheet HTML 3Page - Silicon Standard Corp. SS6639 Datasheet HTML 4Page - Silicon Standard Corp. SS6639 Datasheet HTML 5Page - Silicon Standard Corp. SS6639 Datasheet HTML 6Page - Silicon Standard Corp. SS6639 Datasheet HTML 7Page - Silicon Standard Corp. SS6639 Datasheet HTML 8Page - Silicon Standard Corp. SS6639 Datasheet HTML 9Page - Silicon Standard Corp. SS6639 Datasheet HTML 10Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.SiliconStandard.com
6 of 12
SS6639
n TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Output Current (mA)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 11 SS6639-33 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Output Current (mA)
Fig. 12 SS6639-50 Start-up & Hold-on Voltage (L=33uH)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Start up
Hold on
Output Current (mA)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 13 SS6639-33 Start-up & Hold-on Voltage (L=33
µH)
Start up
Hold on
Output Current (mA)
Fig. 14 SS6639-50 Start-up & Hold-on Voltage (L=33uH)
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Start up
Hold on
Output Current (mA)
-40
-20
0
20
40
60
80
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Fig. 15 SS6639 Output Voltage vs. Temperature
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.7V
VOUT =5.0V
Output Current (mA)
-40
-20
0
20
40
60
80
100
85
90
95
100
105
110
115
120
125
130
135
Fig. 16 SS6639 Switching Frequency vs.Temperature
VOUT = 5.0V
VOUT = 3.3V
VOUT = 3.0V
VOUT = 2.7V
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com