Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6641 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6641
Description  Low Voltage Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6641 Datasheet HTML 1Page - Silicon Standard Corp. SS6641 Datasheet HTML 2Page - Silicon Standard Corp. SS6641 Datasheet HTML 3Page - Silicon Standard Corp. SS6641 Datasheet HTML 4Page - Silicon Standard Corp. SS6641 Datasheet HTML 5Page - Silicon Standard Corp. SS6641 Datasheet HTML 6Page - Silicon Standard Corp. SS6641 Datasheet HTML 7Page - Silicon Standard Corp. SS6641 Datasheet HTML 8Page - Silicon Standard Corp. SS6641 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.SiliconStandard.com
2 of 13
SS6641

ORDERING INFORMATION
#$%6 
*"<0?1@*
1AB1*CA
1/B1/
*"<1@*
'B , '*D
B ,'10?
'1*1'1
78B  78
:B :
::B ::
;B ;
B %&
SS6641-XXCXXX
$B SS6641-27COTR
#
 789, '*D*-
C1CA*-1
 
&'
'(

'(
#$%6 






)*
 



















)*



ABSOLUATE MAXIMUM RATINGS
='1*>FFFFFFFFFFFFFFFFFFFFFFFFF27
"FFFFFFFFFFFFFFFFFFFFFFFFFFFFFF27
#/* FFFFFFFFFFFFFFFFFFFFFFFFFFFFFF27
E1*FFFFFFFFFFFFFFFFFFFFFFF :G:
E1*" FFFFFFFFFFFFFFFFFFFFFFFFFFFFH;
'1A FFFFFFFFFFFFFFFFFF 4°"D;°"
1A FFFFFFFFFFFFFFFFFFF 3;°"2;°"
1= 2 > FFFFFFFFFFFFFFFFFFF73°"

TEST CIRCUIT




6








 
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com