Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6641 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6641
Description  Low Voltage Step-Up DC/DC Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6641 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6641 Datasheet HTML 1Page - Silicon Standard Corp. SS6641 Datasheet HTML 2Page - Silicon Standard Corp. SS6641 Datasheet HTML 3Page - Silicon Standard Corp. SS6641 Datasheet HTML 4Page - Silicon Standard Corp. SS6641 Datasheet HTML 5Page - Silicon Standard Corp. SS6641 Datasheet HTML 6Page - Silicon Standard Corp. SS6641 Datasheet HTML 7Page - Silicon Standard Corp. SS6641 Datasheet HTML 8Page - Silicon Standard Corp. SS6641 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.SiliconStandard.com
1 of 13
SS6641



   







FEATURES
!"
  
!"

!"
 !"
!"
#$%&'
!"
"  
!"
$ ()* )




APPLICATIONS
!"
*
!"
"
!"
+,
!"
*-'.

!"
//- 
!"
*&0



 DESCRIPTION
1 6342      
("5("     2  4
&  '  $ 
6)$)
789:9::9;
*#6,&
.     
 )1
        
   * , 
The SS6641

&  789 :9 ::9  ; 
2
 
&)1*#,
control circuit operates at 100kHz max. switching
9    ) 
.9  -  6342  
("5(")




 TYPICAL APPLICATION CIRCUIT






 



µ



≥
6





µ

µ

≥






µ












6 








µ!


"












×
+
=




µ

       

       



Rev.2.01 6/26/2003


Similar Part No. - SS6641

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Sensitron
SS6640 SENSITRON-SS6640 Datasheet
35Kb / 2P
SIGNAL OR COMPUTER DIODE
logo
Silicon Standard Corp.
SS6640-27COTB SSC-SS6640-27COTB Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
SS6640-27COTR SSC-SS6640-27COTR Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
SS6640-27CSTB SSC-SS6640-27CSTB Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
More results

Similar Description - SS6641

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1211X RICOH-R1211X Datasheet
375Kb / 33P
Step-up DC/DC Controller
Rev. 1.10
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
STEP-UP DC/DC CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
STEP-UP DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
Step-Up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
Step-up DC/DC Controller
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
Step-up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com