Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6642G Datasheet(PDF) 21 Page - Silicon Standard Corp.

Part # SS6642G
Description  3-Pin Simple Step-Up DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642G Datasheet(HTML) 21 Page - Silicon Standard Corp.

Back Button SS6642G Datasheet HTML 14Page - Silicon Standard Corp. SS6642G Datasheet HTML 15Page - Silicon Standard Corp. SS6642G Datasheet HTML 16Page - Silicon Standard Corp. SS6642G Datasheet HTML 17Page - Silicon Standard Corp. SS6642G Datasheet HTML 18Page - Silicon Standard Corp. SS6642G Datasheet HTML 19Page - Silicon Standard Corp. SS6642G Datasheet HTML 20Page - Silicon Standard Corp. SS6642G Datasheet HTML 21Page - Silicon Standard Corp. SS6642G Datasheet HTML 22Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
www.SiliconStandard.com
21 of 22
SS6642G
1/15/2005 Rev.2.10
PHYSICAL DIMENSIONS
(unit: mm)
SOT-23 (GU)
SYMBOL
MIN
MAX
A
0.95
1.45
A1
0.05
0.15
A2
0.90
1.30
b
0.30
0.50
c
0.08
0.22
D
2.80
3.00
E
2.60
3.00
E1
1.50
1.70
e
0.95 BSC
e1
1.90 BSC
L
0.30
0.60
L1
0.60 REF
E
D
E1
e1
e
A1
A
A2
b
0.25
L1
L
θ
c
θ
0˚
8˚
SOT-89 (GX)
SYMBOL
MIN
MAX
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
D
4.40
4.60
D1
1.50
1.83
E
2.29
2.60
e
1.50 BSC
e1
3.00 BSC
H
3.94
4.25
B1
e
H
e1
D
D1
A
C
L
E
B
L
0.89
1.20
All package options are Pb-free, RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com