Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6642G Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6642G
Description  3-Pin Simple Step-Up DC/DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6642G Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6642G Datasheet HTML 9Page - Silicon Standard Corp. SS6642G Datasheet HTML 10Page - Silicon Standard Corp. SS6642G Datasheet HTML 11Page - Silicon Standard Corp. SS6642G Datasheet HTML 12Page - Silicon Standard Corp. SS6642G Datasheet HTML 13Page - Silicon Standard Corp. SS6642G Datasheet HTML 14Page - Silicon Standard Corp. SS6642G Datasheet HTML 15Page - Silicon Standard Corp. SS6642G Datasheet HTML 16Page - Silicon Standard Corp. SS6642G Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.SiliconStandard.com
13 of 22
SS6642G
1/15/2005 Rev.2.10
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
Fig. 48 SS6642-45 Output Voltage vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
4.0
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
No Load
Fig. 49 SS6642-45 Supply Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
10
20
30
40
50
60
70
80
90
Fig. 50 SS6642-45 Switching Frequency vs. Temperature
Temperature (
°C)
-40
-
20
0
20
40
60
80
100
40
60
80
100
120
140
160
Fig. 51 SS6642-45 Maximum Duty Cycle vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
70
72
74
76
78
80
Fig. 52 SS6642-45 SW Turn ON Resistance vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
50
100
150
200
250
300
350
400
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN=1.2V
VIN=3.0V
VIN=2.0V
VIN=1.5V
VIN=0.9V
Fig. 53 SS6642-50 Load Regulation ( L=100
µH CD54)
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com