Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25320PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25320PI
Description  SPI Serial E2PROM With Block LockTM Protection
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25320PI Datasheet(HTML) 1 Page - Xicor Inc.

  X25320PI Datasheet HTML 1Page - Xicor Inc. X25320PI Datasheet HTML 2Page - Xicor Inc. X25320PI Datasheet HTML 3Page - Xicor Inc. X25320PI Datasheet HTML 4Page - Xicor Inc. X25320PI Datasheet HTML 5Page - Xicor Inc. X25320PI Datasheet HTML 6Page - Xicor Inc. X25320PI Datasheet HTML 7Page - Xicor Inc. X25320PI Datasheet HTML 8Page - Xicor Inc. X25320PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
X25320
1
32K
X25320
4K x 8 Bit
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3063-3.9 6/11/96 T4/C1/D0 NS
Direct Write™ and Block Lock™ Protection is a trademark of Xicor, Inc.
SPI Serial E2PROM With Block LockTM Protection
FEATURES
• 2MHz Clock Rate
• SPI Modes (0,0 & 1,1)
• 4K X 8 Bits
— 32 Byte Page Mode
• Low Power CMOS
—<1
µA Standby Current
— <5mA Active Current During Write
• 2.7V To 5.5V Power Supply
• Block Lock Protection
— Protect 1/4, 1/2 or all of E2PROM Array
• Built-in Inadvertent Write Protection
— Power-Up/Power-Down protection circuitry
— Write Enable Latch
— Write Protect Pin
• Self-Timed Write Cycle
— 5ms Write Cycle Time (Typical)
• High Reliability
— Endurance: 100,000 cycles
— Data Retention: 100 Years
— ESD protection: 2000V on all pins
• 8-Lead PDlP Package
• 8-Lead SOIC Package
• 14-Lead TSSOP Package
DESCRIPTION
The X25320 is a CMOS 32768-bit serial E2PROM,
internally organized as 4K x 8. The X25320 features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is con-
trolled through a chip select (
CS) input, allowing any
number of devices to share the same bus.
The X25320 also features two additional inputs that
provide the end user with added flexibility. By asserting
the
HOLD input, the X25320 will ignore transitions on its
inputs, thus allowing the host to service higher priority
interrupts. The
WP input can be used as a hardwire input
to the X25320 disabling all write attempts to the status
register, thus providing a mechanism for limiting end
user capability of altering 0, 1/4, 1/2 or all of the memory.
The X25320 utilizes Xicor’s proprietary Direct Write™
cell, providing a minimum endurance of 100,000 cycles
and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
4K BYTE
ARRAY
32 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
32
64
8
32
STATUS
REGISTER
32
64 X 256
32 X 256
3063 ILL F01
APPLICATION NOTE
A V AILABLE
AN61


Similar Part No. - X25320PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25320PI ICMIC-X25320PI Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320PI-2.7 ICMIC-X25320PI-2.7 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320PIG ICMIC-X25320PIG Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320PIG-2.7 ICMIC-X25320PIG-2.7 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results

Similar Description - X25320PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020 XICOR-X25020 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25021 XICOR-X25021 Datasheet
60Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
SPI Serial E2PROM with Block LockTM Protection
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com