Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25057PI-2.7 Datasheet(PDF) 12 Page - Xicor Inc.

Part # X25057PI-2.7
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057PI-2.7 Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X25057PI-2.7 Datasheet HTML 8Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 9Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 10Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 11Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 12Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 13Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 14Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 15Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 16Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
X25057
12
PACKAGING INFORMATION
0.118
± 0.002
(3.00
± 0.05)
0.040
± 0.002
(1.02
± 0.05)
0.150 (3.81)
REF.
0.193 (4.90)
REF.
0.030 (0.76)
0.036 (0.91)
0.032 (0.81)
0.007 (0.18)
0.005 (0.13)
0.008 (0.20)
0.004 (0.10)
0.0216 (0.55)
7
° TYP
R 0.014 (0.36)
0.118
± 0.002
(3.00
± 0.05)
0.012 + 0.006 / -0.002
(0.30 + 0.15 / -0.05)
0.0256 (0.65) TYP
8-LEAD MINIATURE SMALL OUTLINE GULL WING PACKAGE TYPE M
NOTE:
1. ALL DIMENSIONS IN INCHES AND (MILLIMETERS)
3003 FRM 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com