Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25057PI-2.7 Datasheet(PDF) 5 Page - Xicor Inc.

Part # X25057PI-2.7
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057PI-2.7 Datasheet(HTML) 5 Page - Xicor Inc.

  X25057PI-2.7 Datasheet HTML 1Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 2Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 3Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 4Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 5Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 6Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 7Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 8Page - Xicor Inc. X25057PI-2.7 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X25057
5
Figure 2. Read Operation Sequence
Figure 3. Read Status Operation Sequence
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
READ INSTRUCTION
(1 BYTE)
BYTE ADDRESS (2 BYTE)
DATA OUT
15 14
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30
7033 FRM F03.1
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
CS
SCK
SI
SO
NONVOLATILE WRITE IN PROGRESS
READ STATUS
INSTRUCTION
7033 FRM F04.2
I
SO HIGH DURING
NONVOLATILE
WRITE CYCLE
SO = STATUS REG BIT
WHEN NO NONVOLATILE
WRITE CYCLE
...
...
...
D
L
2
I
D
L
1
I
D
L
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com