Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F047PI Datasheet(PDF) 14 Page - Xicor Inc.

Part # X25F047PI
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047PI Datasheet(HTML) 14 Page - Xicor Inc.

Back Button X25F047PI Datasheet HTML 6Page - Xicor Inc. X25F047PI Datasheet HTML 7Page - Xicor Inc. X25F047PI Datasheet HTML 8Page - Xicor Inc. X25F047PI Datasheet HTML 9Page - Xicor Inc. X25F047PI Datasheet HTML 10Page - Xicor Inc. X25F047PI Datasheet HTML 11Page - Xicor Inc. X25F047PI Datasheet HTML 12Page - Xicor Inc. X25F047PI Datasheet HTML 13Page - Xicor Inc. X25F047PI Datasheet HTML 14Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
X25F047
14
ORDERING INFORMATION
Part Mark Convention
Device
X25F047
P
T
Temperature Range
Blank = Commercial = 0
°C to +70°C
I = Industrial = –40
°C to +85°C
Package
P = 8-Lead Plastic DIP
LIMITED WARRANTY
Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc.
makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the
described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the
right to discontinue production and change specifications and prices at any time and without notice.
Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents,
licenses are implied.
U.S. PATENTS
Xicor products are covered by one or more of the following U.S. Patents: 4,263,664; 4,274,012; 4,300,212; 4,314,265; 4,326,134; 4,393,481;
4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829, 482; 4,874, 967;
4,883, 976. Foreign patents and additional patents pending.
LIFE RELATED POLICY
In situations where semiconductor component failure may endanger life, system designers using this product should design the system with
appropriate error detection and correction, redundancy and back-up features to prevent such an occurence.
Xicor's products are not authorized for use in critical components in life support devices or systems.
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain
life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably
expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the
failure of the life support device or system, or to affect its safety or effectiveness.
S = 8-Lead SOIC
–X
VCC Range
Blank = 1.8V to 3.6V
5 = 4.5V to 5.5V
M = 8-Lead MSOP
V = 8-Lead TSSOP
8-Lead MSOP
AAH = 1.8 to 3.6V, 0
°C to +70°C
EYWW
XXX
AAJ = 1.8 to 3.6V, -40
°C to +85°C
AAK = 2.5 to 5.5V, 0
°C to +70°C
AAL = 2.5 to 5.5V, -40
°C to +85°C
AAM = 4.5 to 5.5V, 0
°C to +70°C
AAN = 4.5 to 5.5V, -40
°C to +85°C
8-Lead TSSOP
Blank = 1.8 to 3.6V, 0
°C to +70°C
EYWW
5F47XX
I = 1.8 to 3.6V, -40
°C to +85°C
AE = 2.5 to 5.5V, 0
°C to +70°C
AF = 2.5 to 5.5V, -40
°C to +85°C
5 = 4.5 to 5.5V, 0
°C to +70°C
I5 = 4.5 to 5.5V, -40
°C to +85°C
8-Lead SOIC/PDIP
X25F047 X
XX
Blank = 8-Lead SOIC
Blank = 1.8 to 3.6V, 0
°C to +70°C
I = 1.8 to 3.6V, -40
°C to +85°C
AE = 2.5 to 5.5V, 0
°C to +70°C
AF = 2.5 to 5.5V, -40
°C to +85°C
5 = 4.5 to 5.5V, 0
°C to +70°C
I5 = 4.5 to 5.5V, -40
°C to +85°C
AAI = 1.8 to 3.6V, -20
°C to +85°C
P = 8-Lead Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com