Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F047PI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X25F047PI
Description  SPI SerialFlash with Block Lock TM Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F047PI Datasheet(HTML) 4 Page - Xicor Inc.

  X25F047PI Datasheet HTML 1Page - Xicor Inc. X25F047PI Datasheet HTML 2Page - Xicor Inc. X25F047PI Datasheet HTML 3Page - Xicor Inc. X25F047PI Datasheet HTML 4Page - Xicor Inc. X25F047PI Datasheet HTML 5Page - Xicor Inc. X25F047PI Datasheet HTML 6Page - Xicor Inc. X25F047PI Datasheet HTML 7Page - Xicor Inc. X25F047PI Datasheet HTML 8Page - Xicor Inc. X25F047PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
X25F047
4
Operational Notes
The X25F047 powers up in the following state:
• The device is in the low power, standby state.
• A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
• SO pin is at high impedance.
• The “Program Enable” latch is reset.
Data Protection
The following circuitry has been included to prevent inad-
vertant programming of data:
• The “Program Enable” latch is reset upon power-up.
• A PREN instruction must be issued to set the “Program
Enable” latch.
• CS must come HIGH at the proper clock count in order
to start a program cycle.
Table 1. Instruction Set and Block Lock Protection Byte Definition
7005 FRM T03.1
*Instructions are shown with MSB in leftmost position. Instructions are transferred MSB first.
Figure 2. Read Operation Sequence
Instruction
Format*
Instruction Name and Operation
0000 0110
PREN: Set the Program Enable Latch (Program Enable Operation)
0000 0100
PRDI: Reset the Program Enable Latch (Program Disable Operation)
0000 0001
PROGRAM STATUS Instruction - followed by:
Block Lock Protection Byte: (Figure 1)
0000 0000 --->NO PROTECT: ---------------------------------->None of the Array
0000 0001 --->PROTECT Q1: --- 0000h - 007Fh ---------->Lower Quadrant (Q1)
0000 0010 --->PROTECT Q2: --- 0080h - 00FFh----------->Q2
0000 0011 --->PROTECT Q3: --- 0100h - 017Fh----------->Q3
0000 0100 --->PROTECT Q4: --- 0180h - 01FFh----------->Upper Quadrant (Q4)
0000 0101 --->PROTECT H1: --- 0000h - 00FFh----------->Lower Half of the Array (H1)
0000 0110 --->PROTECT S0: --- 0000h - 000Fh----------->Lower Sector (S0)
0000 0111 --->PROTECT Sn: --- 01F0h - 01FFh----------->Upper Sector (Sn)
0000 0101
READ STATUS: Reads Block Lock Protection & nonvolatile write in progress status on SO Pin
0000 0010
PROGRAM: Program operation followed by address and data
0000 0011
READ: Read operation followed by address
0
1
2
3
4
5
6
7
8
9
CS
SCK
SI
SO
HIGH IMPEDANCE
READ INSTRUCTION
(1 BYTE)
BYTE ADDRESS (2 BYTE)
DATA OUT
15 14
3
2
1
0
20 21 22 23 24 25 26 27 28 29 30
7005 FRM F03.1
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com