Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F128PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25F128PI
Description  SerialFlash??Memory With Block Lock??Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F128PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25F128PI Datasheet HTML 4Page - Xicor Inc. X25F128PI Datasheet HTML 5Page - Xicor Inc. X25F128PI Datasheet HTML 6Page - Xicor Inc. X25F128PI Datasheet HTML 7Page - Xicor Inc. X25F128PI Datasheet HTML 8Page - Xicor Inc. X25F128PI Datasheet HTML 9Page - Xicor Inc. X25F128PI Datasheet HTML 10Page - Xicor Inc. X25F128PI Datasheet HTML 11Page - Xicor Inc. X25F128PI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
X25F128
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = OPEN,
CS = VSS
ISB1(2) VCC Supply Current (Standby)
1
µA
CS = VCC, VIN = VSS or VCC, VCC = 3.6V
ISB2
VCC Supply Current (Standby)
10
µA
CS = VCC, VIN = VSS or VCC, VCC = 5V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIL(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH(1)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
IOL = 1.5mA, VCC = 2.7V
VOH1
Output HIGH Voltage
VCC – 0.3
V
IOH = –0.4mA, VCC = 2.7V
VOL2
Output LOW Voltage
0.4
V
IOL = 3mA, VCC = 5V
VOH2
Output HIGH Voltage
VCC – 0.8
V
IOH = –1.6mA, VCC = 5V
6829 PGM T08.1
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with Respect to VSS ......... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 Seconds) ............................. 300
°C
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Extended
–20
°C
+85
°C
Industrial
–40
°C
+85
°C
6829 PGM T06.1
Supply Voltage
Limits
X25F128
1.8V to 3.6V
X25F128–5
4.5V to 5.5V
6829 PGM T07.1
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
CAPACITANCE TA = 25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
COUT(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI,
CS, PP, HOLD)6
pF
VIN = 0V
6829 PGM T10
POWER-UP TIMING
Symbol
Parameter
Min.
Max.
Units
tPUR(3)
Power-up to Read Operation
1
ms
tPUW(3)
Power-up to Write Operation
5
ms
6829 PGM T09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com