Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25F128PI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X25F128PI
Description  SerialFlash??Memory With Block Lock??Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F128PI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X25F128PI Datasheet HTML 5Page - Xicor Inc. X25F128PI Datasheet HTML 6Page - Xicor Inc. X25F128PI Datasheet HTML 7Page - Xicor Inc. X25F128PI Datasheet HTML 8Page - Xicor Inc. X25F128PI Datasheet HTML 9Page - Xicor Inc. X25F128PI Datasheet HTML 10Page - Xicor Inc. X25F128PI Datasheet HTML 11Page - Xicor Inc. X25F128PI Datasheet HTML 12Page - Xicor Inc. X25F128PI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
X25F128
9
EQUIVALENT A.C. LOAD CIRCUIT
A.C. TEST CONDITIONS
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and Output Timing Level
VCC x 0.5
6829 PGM T11
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
1
MHz
tCYC
Cycle Time
1000
ns
tLEAD
CS Lead Time
500
ns
tLAG
CS Lag Time
500
ns
tWH
Clock HIGH Time
400
ns
tWL
Clock LOW Time
400
ns
tSU
Data Setup Time
100
ns
tH
Data Hold Time
100
ns
tRI(4)
Data In Rise Time
2
µs
tFI(4)
Data In Fall Time
2
µs
tHD
HOLD Setup Time
200
ns
tCD
HOLD Hold Time
200
ns
tCS
CS Deselect Time
2
µs
tPC(5)
Program Cycle Time
10
ms
6829 PGM T12.1
Data Output Timing
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
1
MHz
tDIS
Output Disable Time
500
ns
tV
Output Valid from Clock LOW
400
ns
tHO
Output Hold Time
0
ns
tRO(4)
Output Rise Time
300
ns
tFO(4)
Output Fall Time
300
ns
tLZ(4)
HOLD HIGH to Output in Low Z
100
ns
tHZ(4)
HOLD LOW to Output in High Z
100
ns
6829 PGM T13
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal
nonvolatile program cycle.
6829 ILL F09.1
OUTPUT
5V
1.44K
Ω
1.95K
Ω
100pF
OUTPUT
2.7V
1.64K
Ω
4.63K
Ω
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com