Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6781ACSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6781ACSTR
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6781ACSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.SiliconStandard.com
2 of 18
SS6781A(G)
1/11/2005 Rev.2.10
TYPICAL APPLICATION CIRCUIT
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE
9
SEL2
10
SEL1
11
GND
12
LED1
13
LED2
14
ICON
15
DSW
16
U2
SS6781A
R8
300K
R9
91K
R10
100K
+
C9
4.7
µF
C7
0.1
µF
C10
47nF
R15
680
R3
270
R2
20/5W
SW1
PB SW
R12
100K
R16
680
R17
680
R14
200K
C8
0.1
µF
+
C11
100
µF
RX
R11
100K
RY
C6
0.1
µF
R13
470K
Q2
MMBT2222A
R6
50K
LED2
GREEN
LED3
RED
LED1
YELLOW
Q1
MPS2222A
+
C4
220
µF
C5
0.1
µF
+
C12
1
µF
+
C13
10
µF
R5 120/0.5W
R1
1K
BAT1
R7
VIN
11~15V
L1
220
µH
C2
1
µF
C1
470P
RS
0.3/1W
1
2
3
GND
4
FB
5
VCC
DC
DE
CF
6
IS
7
BOOST
8
U1
SS6563
+
C3
220
µF
R4
390K
D3
IN4148
D1
IN4148
D2
IN5819
D4
1N5819
VIN
VOUT
GND
U3
78L05
**3~5 NiMH/NiCd cells.
Note: Charge Current=0.3/RS Ampere
Safety Timer: 80min
Battery Charge Circuit for Fluctuating Charging Current Application
Discharge-before-charge function is included to
eliminate memory effects of NiCd batteries without
the risk of overdischarging. Test mode is provided
for charger manufactures to dramatically reduce
production test time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com