Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6781ACSTR Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6781ACSTR
Description  Battery Charger Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781ACSTR Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6781ACSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781ACSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.SiliconStandard.com
3 of 18
SS6781A(G)
1/11/2005 Rev.2.10
ORDERING INFORMATION
PIN CONFIGURATION
16
14
15
10
12
11
13
TOP VIEW
9
1
3
2
5
7
6
4
8
PEAK
VBT
DIS
VTS
VCC
ADJ
SEL3
SEL1
SEL2
MODE
LED1
GND
TMR
DSW
ICON
LED2
Packing
TR: Tape and reel
TB: Tubes
Package type
N: PDIP-16 (only available in tubes)
S: SO-16
C: Commercial grade
G: , Commercial, with Pb-free lead finish
(Available for SO-16 only)
Example: SS6781ACSTR
à in SO-16 shipped on tape and reel
SS6781AGSTR
à in SO-16 with Pb-free leads shipped on
tape and reel
SS6781AXXXX
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
............................................………… ........................................ 5.5V
DC Voltage Applied on any pin
......................…………… ...................................... 5.5V
Sink current of ICON pin, LED1 and LED2 pin
.......................……… .................. 20mA
Operating Temperature Range .....................................…………… .............. 0
°C~ 70°C
Storage Temperature Range .............................................………… ......
-65
°C~ 150°C
TEST CIRCUIT
PEAK
DSW
VBT
ICON
DIS
LED2
VTS
LED1
VCC
GND
ADJ
SEL1
SEL3
SEL2
TMR
MODE
V2 (3V)
V1 (0.95V)
VCC
VCC (5V)
VCC
GREEN
ORANGE
RED
560
SS6781A
R2
-
+
-
+
YELLOW
VOLTAGE
SOURCE
VOLTAGE SOURCE
VCC
VCC
VCC
VCC
100K
R1
560
560
R3
R4
560
R5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com