Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6781BCSTR Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6781BCSTR
Description  Battery Charge Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6781BCSTR Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6781BCSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6781BCSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
01/31/2008 Rev.1.00
www.SiliconStandard.com
2
SS6781B
the risk of overdischarging. Test mode is provided
for charger manufactures to dramatically reduce
production test time.
TYPICAL APPLICATION CIRCUIT
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE 9
SEL2 10
SEL1 11
GND 12
LED1 13
LED2 14
ICON 15
DSW 16
U2
SS6781B
R8
300K
R9
91K
R10
100K
+
C9
4.7µF
C7
0.1µF
C10
47nF
R15
680
R3
270
R2
20/5W
SW1
PB SW
R12
100K
R16
680
R17
680
R14
200K
C8
0.1µF
+
C11
100µF
RX
R11
5.1K
RY
C6
0.1µF
R13
470K
Q2
MMBT2222A
R6
50K
LED2
GREEN
LED3
RED
LED1
YELLOW
Q1
MPS2222A
+
C4
220µF
C5
0.1µF
+
C12
1µF
+
C13
10µF
R5 120/0.5W
R1
1K
BAT1
R7
VIN
11~15V
L1
220µH
C2
1µF
C1
470P
RS
0.3/1W
1
2
3
GND
4
FB
5
VCC
DC
DE
CF
6
IS
7
BOOST
8
U1
SS6563
+ C3
220µF
R4
390K
D3
IN4148
D1
IN4148
D2 IN5819
D4
1N5819
VIN
VOUT
GND
U3
78L05
**3~5 NiMH/NiCd cells.
Note: Charge Current=0.3/RS Ampere
Safety Timer: 80min
Battery Charge Circuit for Fluctuating Charging Current Application
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
TB: TUBE
PACKAGE TYPE
N: PLASTIC DIP
S: SMALL OUTLINE
C: COMMERCIAL
G: LEAD FREE COMMERCIAL
Example: SS6781BCSTR
in SO-16 Package & Tape & Reel Packing Type
(CN is not available in TR packing type)
SS6781BGSTR
in SO-16 Lead Free Package & Tape & Reel
Packing Type
16
14
15
10
12
11
13
TOP VIEW
PIN CONFIGURATION
9
1
3
2
5
7
6
4
8
PEAK
VBT
DIS
VTS
VCC
ADJ
SEL3
SEL1
SEL2
MODE
LED1
GND
TMR
DSW
ICON
LED2
SS6781BXXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com